Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62-217B-KK2C Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 62-217B-KK2C
Description  MID POWER LED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

62-217B-KK2C Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 62-217B-KK2C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 62-217B-KK2C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 62-217B-KK2C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 62-217B-KK2C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 62-217B-KK2C Datasheet HTML 9Page - Everlight Electronics Co., Ltd 62-217B-KK2C Datasheet HTML 10Page - Everlight Electronics Co., Ltd 62-217B-KK2C Datasheet HTML 11Page - Everlight Electronics Co., Ltd 62-217B-KK2C Datasheet HTML 12Page - Everlight Electronics Co., Ltd 62-217B-KK2C Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-09-09 11:43:51.0
DATASHEET
SMD  MID POWER LED
62-217B/XK2C-HXXXXXXXXXXZ15/2T
9
Copyright © 2013, Everlight All Rights Reserved. Release Date : 03.Sep.2013. Issue No:V2
Issue No: DSE-0009497
www.everlight.com
The C.I.E. 1931 Chromaticity Diagram
Bin Range of Chromaticity Coordinates
CCT
Bin Code
CIE_x
CIE_y
Bin Code
CIE_x
CIE_y
0.4006
0.4044
0.3952
0.3880
0.3871
0.3959
0.3873
0.3831
0.3843
0.3858
0.3854
0.3768
0.3890
0.3887
0.3810
0.3741
0.3873
0.3831
0.3784
0.3647
40K-A
0.3952
0.3880
40K-D
0.3898
0.3716
Reference Range:3700K~3970K
0.3871
0.3959
0.3703
0.3726
0.3736
0.3874
0.3670
0.3578
0.3703
0.3726
0.3784
0.3647
0.3779
0.3773
0.3810
0.3741
0.3793
0.3828
0.3764
0.3713
40K-B
0.3843
0.3858
40K-C
0.3779
0.3773
Reference Range:3970K~4270K
0.3890
0.3887
0.3873
0.3831
0.3793
0.3828
0.3779
0.3773
0.3779
0.3773
0.3764
0.3713
4000K
40K-F
0.3873
0.3831
40K-G
0.3854
0.3768
Reference Range:3870K~4080K


Similar Part No. - 62-217B-KK2C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
62-217B EVERLIGHT-62-217B Datasheet
430Kb / 18P
   SMD MID POWER LED
logo
A-BRIGHT Inc
62-217BSW1C1 A-BRIGHT-62-217BSW1C1 Datasheet
625Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BSW1C1 A-BRIGHT-62-217BSW1C1 Datasheet
625Kb / 8P
   SURFACE MOUNT LED LAMPS
62-217BSW1C1 A-BRIGHT-62-217BSW1C1_15 Datasheet
625Kb / 8P
   5630 Package Power Warm White Surface Mount Device
62-217BSW1C2 A-BRIGHT-62-217BSW1C2 Datasheet
657Kb / 8P
   5630 Package Power Warm White Surface Mount Device
More results

Similar Description - 62-217B-KK2C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW8A62E-E2 SEOUL-SAW8A62E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
SAW8A32E-E2 SEOUL-SAW8A32E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
STW8A12D SEOUL-STW8A12D Datasheet
1Mb / 26P
   Mid-Power LED
logo
Everlight Electronics C...
EAHP2835BA1 EVERLIGHT-EAHP2835BA1 Datasheet
434Kb / 10P
   MID Power LED
logo
Seoul Semiconductor
SAW9A62E-E2 SEOUL-SAW9A62E-E2 Datasheet
1Mb / 31P
   Mid-Power LED
logo
Luminus, Inc
MP-3014-2100 LUMINUS-MP-3014-2100 Datasheet
810Kb / 15P
   Mid Power LED
MP-3020-2100-27-80 LUMINUS-MP-3020-2100-27-80 Datasheet
1Mb / 14P
   Mid Power LED
logo
Seoul Semiconductor
STB0A12D SEOUL-STB0A12D Datasheet
877Kb / 19P
   Mid-Power LED
STW9A12D-E1 SEOUL-STW9A12D-E1 Datasheet
1Mb / 31P
   Mid-Power LED
logo
Everlight Electronics C...
62-217D-KK2C EVERLIGHT-62-217D-KK2C Datasheet
524Kb / 19P
   MID POWER LED
EAHP2835RA0 EVERLIGHT-EAHP2835RA0 Datasheet
461Kb / 10P
   MID Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com