Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59-146UTD-TR8 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 59-146UTD-TR8
Description  Luminosity white Color LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

59-146UTD-TR8 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button 59-146UTD-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 59-146UTD-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 59-146UTD-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 59-146UTD-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 59-146UTD-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 59-146UTD-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 59-146UTD-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 59-146UTD-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 59-146UTD-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DATASHEET
SMD  B
59-146UTD/TR8
6
Copyright © 2010, Everlight All Rights Reserved. Release Date : 09-May-2013. Issue No: DSE-0008905
Rev.4
www.everlight.com
Typical Electro-Optical Characteristics Curves
Ta=25°
Radiation Diagram
Forward Current
Luminous Intensity vs
Ta=25°
Forward Current Derating Curve
Wavelength λ (nm)
Spectrum Distribution
Ta=25°C
Forward Current vs.
Forward Voltage
Ta=25°C
F
Forward Voltage V (V)
Luminous Intensity vs.
Ambient Temperature
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)
Forward Current I (mA)
F
Duty=1/10
f=1KHz


Similar Part No. - 59-146UTD-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
More results

Similar Description - 59-146UTD-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
69-23BUMD-TR8 EVERLIGHT-69-23BUMD-TR8 Datasheet
239Kb / 11P
   Luminosity white Color LED
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
59-14UWD EVERLIGHT-59-14UWD Datasheet
162Kb / 10P
   Luminosity white Color LED
59-23UWD EVERLIGHT-59-23UWD Datasheet
159Kb / 10P
   Luminosity white Color LED
59-146UWD EVERLIGHT-59-146UWD Datasheet
190Kb / 10P
   Luminosity white Color LED
67-235UWC-TR8 EVERLIGHT-67-235UWC-TR8_09 Datasheet
251Kb / 11P
   Luminosity white Color LED
59-14UWD-TR8 EVERLIGHT-59-14UWD-TR8 Datasheet
162Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com