Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW30NF20 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STW30NF20
Description  N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW30NF20 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STW30NF20 Datasheet HTML 2Page - STMicroelectronics STW30NF20 Datasheet HTML 3Page - STMicroelectronics STW30NF20 Datasheet HTML 4Page - STMicroelectronics STW30NF20 Datasheet HTML 5Page - STMicroelectronics STW30NF20 Datasheet HTML 6Page - STMicroelectronics STW30NF20 Datasheet HTML 7Page - STMicroelectronics STW30NF20 Datasheet HTML 8Page - STMicroelectronics STW30NF20 Datasheet HTML 9Page - STMicroelectronics STW30NF20 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STP30NF20 - STW30NF20 - STB30NF20
6/16
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-247
Figure 3.
Thermal impedance for TO-247
Figure 4.
Safe operating area for TO-220/
D²PAK
Figure 5.
Thermal impedance for TO-220/
D²PAK
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics


Similar Part No. - STW30NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW30NF20 STMICROELECTRONICS-STW30NF20 Datasheet
390Kb / 16P
   N-channel 200V - 0.065廓 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET??Power MOSFET
logo
Thinki Semiconductor Co...
STW30NF20 THINKISEMI-STW30NF20 Datasheet
2Mb / 7P
   ThinkiSemi 200V,32A N-Channel Planar Process Power MOSFETs
More results

Similar Description - STW30NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
   N-channel 200V - 0.065廓 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET??Power MOSFET
STB75NF20 STMICROELECTRONICS-STB75NF20 Datasheet
510Kb / 16P
   N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
   N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
   N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
   N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
   N-channel 200V - 0.038廓 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
   N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET??POWER MOSFET
STB50NF25 STMICROELECTRONICS-STB50NF25 Datasheet
342Kb / 14P
   N-channel 250V - 0.055廓 - 45A - D2PAK - TO-220 low gate charge STripFET??Power MOSFET
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
   N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
STB30NS15 STMICROELECTRONICS-STB30NS15 Datasheet
342Kb / 9P
   N-CHANNEL 150V - 0.075 ohm - 30A D2PAK LOW GATE CHARGE STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com