Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECA1EM471 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECA1EM471
Description  Aluminum Electrolytic Capacitors/ M
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECA1EM471 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECA1EM471 Datasheet HTML 1Page - Panasonic Semiconductor ECA1EM471 Datasheet HTML 2Page - Panasonic Semiconductor ECA1EM471 Datasheet HTML 3Page - Panasonic Semiconductor ECA1EM471 Datasheet HTML 4Page - Panasonic Semiconductor ECA1EM471 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ M
– EE127 –
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
(mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
350
3.3
8
11.5
60
0.20
0.6
3.5
5.0
ECA2VM3R3( )
200
1000
4.7
10
12.5
65
0.20
0.6
5.0
5.0
ECA2VM4R7( )
200
500
10
10
20
115
0.20
0.6
5.0
5.0
ECA2VM100( )
200
500
22
12.5
20
195
0.20
0.6
5.0
5.0
ECA2VM220( )
200
500
33
16
25
300
0.20
0.8
7.5
7.5
ECA2VM330( )
100
250
47
16
25
325
0.20
0.8
7.5
7.5
ECA2VM470( )
100
250
100
18
31.5
535
0.20
0.8
7.5
ECA2VM101
50
400
16.3
11.2
32
0.20
0.5
2.5
5.0
2.5
ECA2GM010( )
200
2000
2.2
8
11.5
50
0.20
0.6
3.5
5.0
ECA2GM2R2( )
200
1000
3.3
10
12.5
54
0.20
0.6
5.0
5.0
ECA2GM3R3( )
200
500
4.7
10
16
72
0.20
0.6
5.0
5.0
ECA2GM4R7( )
200
500
10
10
20
115
0.20
0.6
5.0
5.0
ECA2GM100( )
200
500
22
12.5
25
215
0.20
0.6
5.0
5.0
ECA2GM220( )
200
500
33
16
25
275
0.20
0.8
7.5
7.5
ECA2GM330( )
100
250
47
16
31.5
350
0.20
0.8
7.5
ECA2GM470
100
100
18
40
600
0.20
0.8
7.5
ECA2GM101
50
450
18
11.5
37
0.20
0.6
3.5
5.0
ECA2WM010( )
200
1000
2.2
10
12.5
44
0.20
0.6
5.0
5.0
ECA2WM2R2( )
200
500
3.3
10
16
60
0.20
0.6
5.0
5.0
ECA2WM3R3( )
200
500
4.7
10
20
79
0.20
0.6
5.0
5.0
ECA2WM4R7( )
200
500
10
12.5
20
130
0.20
0.6
5.0
5.0
ECA2WM100( )
200
500
22
16
25
210
0.20
0.8
7.5
7.5
ECA2WM220( )
100
250
33
16
31.5
285
0.20
0.8
7.5
ECA2WM330
100
Standard Products
Endurance : 85 °C 2000 h
When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, i=2.5 mm.
The taping dimensions are explained on EE189 of our Catalog. Please use it as a reference guide.
Sep. 2010
00


Similar Part No. - ECA1EM471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA1EM471 PANASONIC-ECA1EM471 Datasheet
308Kb / 5P
   Radial Lead Type
ECA1EM471 PANASONIC-ECA1EM471 Datasheet
77Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM471 PANASONIC-ECA1EM471 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
List of Unclassifed Man...
ECA1EM471 ETC2-ECA1EM471 Datasheet
4Mb / 30P
   Aluminium Electrolytic Capacitor
logo
Panasonic Semiconductor
ECA1EM471 PANASONIC-ECA1EM471 Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results

Similar Description - ECA1EM471

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECA-1CM470B PANASONIC-ECA-1CM470B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-2CM010 PANASONIC-ECA-2CM010 Datasheet
105Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM100 PANASONIC-ECA-1CM100 Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA1EM221 PANASONIC-ECA1EM221 Datasheet
113Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-0JM102B PANASONIC-ECA-0JM102B Datasheet
119Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM010B PANASONIC-ECA-1HM010B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Battery Group
ECA-1HM470I PANASONICBATTERY-ECA-1HM470I Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
logo
Panasonic Semiconductor
ECA-1CM471BJ PANASONIC-ECA-1CM471BJ Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1HM4R7B PANASONIC-ECA-1HM4R7B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
ECA-1VM330B PANASONIC-ECA-1VM330B Datasheet
308Kb / 5P
   Aluminum Electrolytic Capacitors M
ECA-1CM221B PANASONIC-ECA-1CM221B Datasheet
107Kb / 5P
   Aluminum Electrolytic Capacitors/ M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com