Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM706R Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM706R
Description  3 V supervisor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM706R Datasheet HTML 4Page - STMicroelectronics STM706R Datasheet HTML 5Page - STMicroelectronics STM706R Datasheet HTML 6Page - STMicroelectronics STM706R Datasheet HTML 7Page - STMicroelectronics STM706R Datasheet HTML 8Page - STMicroelectronics STM706R Datasheet HTML 9Page - STMicroelectronics STM706R Datasheet HTML 10Page - STMicroelectronics STM706R Datasheet HTML 11Page - STMicroelectronics STM706R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Pin descriptions
STM706T/S/R, STM706P, STM708T/S/R
8/32
Doc ID 10518 Rev 12
2
Pin descriptions
2.1
MR
A logic low on MR asserts the reset output. Reset remains asserted as long as MR is low
and for trec after MR returns high. This active low input has an internal pull-up. It can be
driven from a TTL or CMOS logic line, or shorted to ground with a switch. Leave open if
unused.
2.2
WDI
If WDI remains high or low for 1.6 s, the internal watchdog timer runs out and reset (or
WDO) is triggered. The internal watchdog timer clears while reset is asserted or when WDI
sees a rising or falling edge.
The watchdog function can be disabled by allowing the WDI pin to float.
2.3
WDO
WDO goes low when a transition does not occur on WDI within 1.6 s, and remains low until
a transition occurs on WDI (indicating the watchdog interrupt has been serviced) or MR
input is asserted (goes low). WDO also goes low when VCC falls below the reset threshold;
however, unlike the reset output, WDO goes high as soon as VCC exceeds the reset
threshold. Output type is push-pull.
Note:
For those devices with a WDO output, a watchdog timeout will not trigger reset unless WDO
is connected to MR.
2.4
RST
Pulses low for trec when triggered, and stays low whenever VCC is below the reset
threshold or when MR is a logic low. It remains low for trec after either VCC rises above the
reset threshold, the watchdog triggers a reset, or MR goes from low to high.
2.5
RST
Pulses high for trec when triggered, and stays high whenever VCC is above the reset
threshold or when MR is a logic high. It remains high for trec after either VCC falls below the
reset threshold, the watchdog triggers a reset, or MR goes from high to low.
2.6
PFI
When PFI is less than VPFI, PFO goes low; otherwise, PFO remains high. Connect to
ground if unused.


Similar Part No. - STM706R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM706R STMICROELECTRONICS-STM706R Datasheet
468Kb / 26P
   3V Supervisor
STM706R STMICROELECTRONICS-STM706R Datasheet
701Kb / 33P
   3 V supervisor
STM706RDS6E STMICROELECTRONICS-STM706RDS6E Datasheet
468Kb / 26P
   3V Supervisor
STM706RDS6E STMICROELECTRONICS-STM706RDS6E Datasheet
701Kb / 33P
   3 V supervisor
STM706RDS6F STMICROELECTRONICS-STM706RDS6F Datasheet
468Kb / 26P
   3V Supervisor
More results

Similar Description - STM706R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM706T STMICROELECTRONICS-STM706T_10 Datasheet
701Kb / 33P
   3 V supervisor
STM706PAM6F STMICROELECTRONICS-STM706PAM6F Datasheet
706Kb / 32P
   3 V supervisor
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
STM705 STMICROELECTRONICS-STM705_10 Datasheet
838Kb / 32P
   5 V supervisor
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com