Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM706T Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM706T
Description  3 V supervisor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM706T Datasheet HTML 7Page - STMicroelectronics STM706T Datasheet HTML 8Page - STMicroelectronics STM706T Datasheet HTML 9Page - STMicroelectronics STM706T Datasheet HTML 10Page - STMicroelectronics STM706T Datasheet HTML 11Page - STMicroelectronics STM706T Datasheet HTML 12Page - STMicroelectronics STM706T Datasheet HTML 13Page - STMicroelectronics STM706T Datasheet HTML 14Page - STMicroelectronics STM706T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
STM706T/S/R, STM706P, STM708T/S/R
Operation
Doc ID 10518 Rev 12
11/32
3
Operation
3.1
Reset output
The STM70x supervisor asserts a reset signal to the MCU whenever VCC goes below the
reset threshold (VRST), a watchdog timeout occurs (if WDO is connected to MR), or when the
push-button reset input (MR) is taken low. RST is guaranteed to be a logic low (logic high for
STM706P and STM708T/S/R) for VCC < VRST down to VCC =1 V for TA = 0 °C to 85 °C.
During power-up, once VCC exceeds the reset threshold an internal timer keeps RST low for
the reset timeout period, trec. After this interval RST returns high.
If VCC drops below the reset threshold, RST goes low. Each time RST is asserted, it stays
low for at least the reset timeout period (trec). Any time VCC goes below the reset threshold
the internal timer clears. The reset timer starts when VCC returns above the reset threshold.
3.2
Push-button reset input
A logic low on MR asserts reset. Reset remains asserted while MR is low, and for trec (see
Figure 27) after it returns high. The MR input has an internal 40 k
Ω pull-up resistor, allowing
it to be left open if not used. This input can be driven with TTL/CMOS-logic levels or with
open-drain / collector outputs. Connect a normally open momentary switch from MR to GND
to create a manual reset function; external debounce circuitry is not required. If MR is driven
from long cables or the device is used in a noisy environment, connect a 0.1 µF capacitor
from MR to GND to provide additional noise immunity. MR may float, or be tied to VCC when
not used.
3.3
Watchdog input (STM706T/S/R and STM706P)
The watchdog timer can be used to detect an out-of-control MCU. If the MCU does not
toggle the watchdog input (WDI) within tWD (1.6 s), the watchdog output pin (WDO) is
asserted. The internal 1.6s timer is cleared by either:
1.
a reset pulse, or
2.
by toggling WDI (high-to-low or low-to-high), which can detect pulses as short as 50 ns.
See Figure 28 for STM706T/S/R and STM706P.
The timer remains cleared and does not count for as long as reset is asserted. As soon as
reset is released, the timer starts counting.
Note:
The watchdog function may be disabled by floating WDI or tri-stating the driver connected to
WDI. When tri-stated or disconnected, the maximum allowable leakage current is 10 µA and
the maximum allowable load capacitance is 200 pF.
3.4
Watchdog output (STM706T/S/R and STM706P)
When VCC drops below the reset threshold, WDO will go low even if the watchdog timer has
not yet timed out. However, unlike the reset output, WDO goes high as soon as VCC
exceeds the reset threshold. WDO may be used to generate a reset pulse by connecting it
to the MR input.


Similar Part No. - STM706T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM706T STMICROELECTRONICS-STM706T Datasheet
468Kb / 26P
   3V Supervisor
STM706T STMICROELECTRONICS-STM706T Datasheet
701Kb / 33P
   3 V supervisor
STM706TDS6E STMICROELECTRONICS-STM706TDS6E Datasheet
468Kb / 26P
   3V Supervisor
STM706TDS6E STMICROELECTRONICS-STM706TDS6E Datasheet
701Kb / 33P
   3 V supervisor
STM706TDS6F STMICROELECTRONICS-STM706TDS6F Datasheet
468Kb / 26P
   3V Supervisor
More results

Similar Description - STM706T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM706T STMICROELECTRONICS-STM706T_10 Datasheet
701Kb / 33P
   3 V supervisor
STM706PAM6F STMICROELECTRONICS-STM706PAM6F Datasheet
706Kb / 32P
   3 V supervisor
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
STMicroelectronics
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
STM705 STMICROELECTRONICS-STM705_10 Datasheet
838Kb / 32P
   5 V supervisor
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com