Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC490 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD74HC490
Description  Dual 4-bit Decade Counters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC490 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD74HC490 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74HC490
3
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
1.5
V
4.5
3.15 —
3.15
6.0
4.2
4.2
V
IL
2.0
0.5
0.5
V
4.5
1.35 —
1.35
6.0
1.8
1.8
Output voltage
V
OH
2.0
1.9
2.0
1.9
V
Vin = V
IH or VIL
I
OH = –20 µA
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
4.5
4.18 —
4.13
I
OH = –4 mA
6.0
5.68 —
5.63
I
OH = –5.2 mA
V
OL
2.0
0.0
0.1
0.1
V
Vin = V
IH or VIL
I
OL = 20 µA
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
4.5
0.26 —
0.33
I
OL = 4 mA
6.0
0.26 —
0.33
I
OL = 5.2 mA
Input current
Iin
6.0
±0.1 —
±1.0 µA
Vin = V
CC or GND
Quiescent supply
current
I
CC
6.0
4.0
40
µA
Vin = V
CC or GND, Iout = 0 µA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54390 DUAL 4-BIT DECADE AND BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
DM74ALS390 Dual 4-Bit Decade Counters 1  2  3  4  5  More National Semiconductor (TI)
SN54ALS161B SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
HD74LS393 DUAL 4-BIT BINARY COUNTERS 1  2  3  4  5  More Hitachi Semiconductor
SN54192 SYNCHRONOUS 4-BIT UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR 1  2  3  4  5  More Texas Instruments
SN54LS160A BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS 1  2  3  4  5  More Motorola, Inc
SN54-74LS160A BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS 1  2  3  4  5  More ON Semiconductor
SN54ALS193A SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR 1  2  3  4  5  More Texas Instruments
4518B DUAL 4-BIT DECADE COUNTER 1  2  3  Fairchild Semiconductor
SN74LS68 DUAL 4 BIT DECADE OR BINARY COUNTERS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn