Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HD74HC490 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74HC490
Description  Dual 4-bit Decade Counters
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC490 Datasheet(HTML) 1 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HD74HC490
Dual 4-bit Decade Counters
Description
This circuit contains eight master-slave flip-flops and additional gating to implement two individual 4-bit
decade counters. Each decade counter has individual clock, clear and set-to-9 inputs. BCD count
sequences of any length up to divide-by-100 may be implemented with a single HD74HC490. Buffering
on each output is provided to ensure that suceptibility to collector communication is reduced significantly.
The counters have paralle outputs from each counter state so that submultiples of the input count frequency
are available for system timing signals.
Features
• High Speed Operation: t
pd (Clock to QA) = 13 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
Function Table
Clear/Set-To-9
Inputs
Outputs
Clear
Set-To-9
Q
A
Q
B
Q
C
Q
D
H
L
L
LLL
L
H
H
LLH
L
L
Count


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn