Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC490 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part No. HD74HC490
Description  Dual 4-bit Decade Counters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC490 Datasheet(HTML) 8 Page - Hitachi Semiconductor

  HD74HC490 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DN
Conforms
Conforms
0.15 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
1.27
16
9
1
8
0.15
0.25 M
9.9
0
° – 8°
10.3 Max
+ 0.10
– 0.30
6.10
+ 0.67
– 0.20
0.60
*0.42
± 0.08
0.635 Max
0.40
± 0.06
1.08


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54390 DUAL 4-BIT DECADE AND BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
DM74ALS390 Dual 4-Bit Decade Counters 1  2  3  4  5  More National Semiconductor (TI)
SN54ALS161B SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
HD74LS393 DUAL 4-BIT BINARY COUNTERS 1  2  3  4  5  More Hitachi Semiconductor
SN54192 SYNCHRONOUS 4-BIT UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR 1  2  3  4  5  More Texas Instruments
SN54LS160A BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS 1  2  3  4  5  More Motorola, Inc
SN54-74LS160A BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS 1  2  3  4  5  More ON Semiconductor
SN54ALS193A SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR 1  2  3  4  5  More Texas Instruments
4518B DUAL 4-BIT DECADE COUNTER 1  2  3  Fairchild Semiconductor
SN74LS68 DUAL 4 BIT DECADE OR BINARY COUNTERS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn