Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC490 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HD74HC490
Description  Dual 4-bit Decade Counters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC490 Datasheet(HTML) 7 Page - Hitachi Semiconductor

  HD74HC490 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Similar Part No. - HD74HC490

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC490 RENESAS-HD74HC490 Datasheet
160Kb / 8P
   Dual 4-bit Decade Counters
More results

Similar Description - HD74HC490

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS490 TI-SN54LS490 Datasheet
141Kb / 8P
[Old version datasheet]   DUAL 4-BIT DECADE COUNTERS
logo
National Semiconductor ...
DM74ALS390 NSC-DM74ALS390 Datasheet
106Kb / 6P
   Dual 4-Bit Decade Counters
logo
Renesas Technology Corp
HD74HC490 RENESAS-HD74HC490 Datasheet
160Kb / 8P
   Dual 4-bit Decade Counters
logo
Texas Instruments
SN74LS68 TI-SN74LS68 Datasheet
426Kb / 7P
[Old version datasheet]   DUAL 4 BIT DECADE OR BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
SN54390 TI1-SN54390_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
SN54390 TI-SN54390_08 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com