Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC490 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74HC490
Description  Dual 4-bit Decade Counters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC490 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HC490 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC490 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC490
4
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
4
3
MHz
frequency
4.5
20
16
6.0
24
19
Propagation delay t
PLH
2.0
120 —
150
ns
Clock to Q
A
time
t
PHL
4.5
13
24
30
6.0
20
26
t
PLH
2.0
205 —
255
ns
Clock to Q
B QC
t
PHL
4.5
21
41
51
6.0
35
43
t
PLH
2.0
280 —
350
ns
Clock to Q
C
t
PHL
4.5
23
56
70
6.0
48
60
t
PHL
2.0
205 —
255
ns
Clear to any output
4.5
18
41
51
6.0
35
43
t
PLH
2.0
205 —
255
ns
Set-to-9 to Q
A, QD
4.5
13
41
51
6.0
35
43
t
PHL
2.0
190 —
240
ns
Set-to-9 to Q
B, QC
4.5
17
38
48
6.0
32
41
Pulse width
t
w
2.0
80
100
ns
4.5
16
6
20
6.0
14
17
Setup time
t
su
2.0
100 —
125
ns
4.5
20
1
25
6.0
17
21
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54390 DUAL 4-BIT DECADE AND BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
DM74ALS390 Dual 4-Bit Decade Counters 1  2  3  4  5  More National Semiconductor (TI)
SN54ALS161B SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS 1  2  3  4  5  More Texas Instruments
HD74LS393 DUAL 4-BIT BINARY COUNTERS 1  2  3  4  5  More Hitachi Semiconductor
SN54192 SYNCHRONOUS 4-BIT UP/DOWN COUNTERS DUAL CLOCK WITH CLEAR 1  2  3  4  5  More Texas Instruments
SN54LS160A BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS 1  2  3  4  5  More Motorola, Inc
SN54-74LS160A BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS 1  2  3  4  5  More ON Semiconductor
SN54ALS193A SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS WITH DUAL CLOCK AND CLEAR 1  2  3  4  5  More Texas Instruments
4518B DUAL 4-BIT DECADE COUNTER 1  2  3  Fairchild Semiconductor
SN74LS68 DUAL 4 BIT DECADE OR BINARY COUNTERS 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn