Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4200 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4200
Description  Optically Coupled 20 mA Current Loop Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4200 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4200 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4200 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Figure 17. Simplex Current Loop System Configurations for (a) Point-to-Point, (b) Multidrop.
A recommended non-isolated active transmitter circuit
which can be used with the HCPL-4200 in point-to-point
or in multidrop 20 mA current loop applications is given
in Figure 18. The current source is controlled via a stan-
dard TTL 7407 buffer to provide high output impedance
of current source in both the ON
and OFF states. This non-isolated active transmitter pro-
vides a nominal 20 mA loop current for the listed values
of V
CC
, R2 and R3 in Figure 18.
Length of current loop (one direction) versus minimum
required DC supply voltage, V
CC
, of the circuit in Figure 18
is graphically illustrated in Figure 19. Multidrop configu-
rations will require larger V
CC
than Figure 19 predicts in
order to account for additional station terminal voltage
drops.
Typical data rate performance versus distance is illus-
trated in Figure 20 for the combination of a non-isolated
active transmitter and HCPL-4200 optically coupled cur-
rent loop receiver shown in Figure 18. Curves are shown
for 10% and 25% distortion data rate. 10% (25%) distor-
tion data rate is defined as that rate at which 10% (25%)
distortion occurs to output bit interval with respect to
input bit interval. An input Non-Return-to-Zero (NRZ)
test waveform of 16 bits (0000001011111101) was used
for data rate distortion measurements. Data rate is inde-
pendent of current source supply voltage, V
CC
.
The cable used contained five pairs of unshielded, twist-
ed, 22 AWG wire (Dearborn #862205). Loop current is 20
mA nominal. Input and output logic supply voltages are
5 V dc.


Similar Part No. - HCPL-4200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200 HP-HCPL-4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200-000E AVAGO-HCPL-4200-000E Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
HCPL-4200-300E AVAGO-HCPL-4200-300E Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
More results

Similar Description - HCPL-4200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4200 HP-HCPL-4200 Datasheet
245Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4200 AVAGO-HCPL-4200 Datasheet
473Kb / 13P
   Optically Coupled 20 mA Current Loop Receiver
logo
Agilent(Hewlett-Packard...
HCPL4200 HP-HCPL4200 Datasheet
460Kb / 12P
   Optically Coupled 20 mA Current Loop Receiver
HCPL4100 HP-HCPL4100 Datasheet
230Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4100 AVAGO-HCPL-4100 Datasheet
477Kb / 12P
   Optically Coupled 20 mA Current Loop Transmitter
logo
Agilent(Hewlett-Packard...
HCPL-4100 HP-HCPL-4100 Datasheet
220Kb / 12P
   Optically Coupled 20 mA Optically Coupled 20 mA
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
List of Unclassifed Man...
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com