Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC4518 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74HC4518
Description  Dual BCD Use Converters/Dual Binary Up Converters
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC4518 Datasheet(HTML) 6 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74HC4518/HD74HC4520
6
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
5
4
MHz
frequency
4.5
27
21
6.0
32
25
Propagation delay t
PLH
2.0
190 —
240
ns
Clock to Q
time
t
PHL
4.5
22
38
48
6.0
32
41
t
PLH
2.0
200 —
250
ns
Reset to Q
t
PHL
4.5
22
40
50
6.0
34
43
t
PLH
2.0
190 —
240
ns
Enable to Q
t
PHL
4.5
17
38
48
6.0
32
41
Pulse width
t
w
2.0
80
100
ns
4.5
16
7
20
6.0
14
17
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF
Removel time
t
rem
2.0
0
0
ns
Reset clock
4.5
0
–3
0
6.0
0
0


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn