Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE713 Datasheet(PDF) 1 Page - NEC

Part # NE713
Description  L to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE713 Datasheet(HTML) 1 Page - NEC

  NE713 Datasheet HTML 1Page - NEC NE713 Datasheet HTML 2Page - NEC NE713 Datasheet HTML 3Page - NEC NE713 Datasheet HTML 4Page - NEC NE713 Datasheet HTML 5Page - NEC NE713 Datasheet HTML 6Page - NEC NE713 Datasheet HTML 7Page - NEC NE713 Datasheet HTML 8Page - NEC NE713 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GaAs MES FET
NE713
L to Ku BAND LOW NOISE AMPLIFIER
N-CHANNEL GaAs MES FET
DATA SHEET
Document No. P11691EJ2V0DS00 (2nd edition)
Date Published February 1997 N
Printed in Japan
©
1996
FEATURES
x Low noise figure
NF = 0.6 dB TYP. at f = 4 GHz
x High associated gain
Ga = 14 dB TYP. at f = 4 GHz
x Gate width: Wg = 280
Pm
x Gate Length: Lg = 0.3
Pm
ORDERING INFORMATION
PART NUMBER
I DSS (mA)
PACKAGE CODE
NE71300-N
20 to 50
00 (CHIP)
NE71300-M
50 to 80
NE71300-L
80 to 120
NE71383B
20 to 120
83B
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage
VDS
5.0
V
Gate to Source Voltage
VGSO
ð5.0
V
Gate to Drain Voltage
VGDO
ð6.0
V
Drain Current
ID
IDSS
mA
Total Power Dissipation
Ptot
270
mW
[NE71383B]
400
mW
[NE71300]
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
ð65 to +175
°C
RECOMMENDED OPERATING CONDITION (TA = 25 °C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
34
V
Drain Current
ID
10
30
mA
Input Power
Pin
15
dBm


Similar Part No. - NE713

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE713 RENESAS-NE713 Datasheet
243Kb / 18P
   GaAs MES FET
1996
logo
NEC
NE71300 NEC-NE71300 Datasheet
91Kb / 8P
   LOW NOISE L TO K-BAND GaAs MESFET
logo
California Eastern Labs
NE71300 CEL-NE71300 Datasheet
95Kb / 8P
   LOW NOISE L TO K-BAND GaAs MESFET
logo
Renesas Technology Corp
NE71300-L RENESAS-NE71300-L Datasheet
243Kb / 18P
   GaAs MES FET
1996
NE71300-M RENESAS-NE71300-M Datasheet
243Kb / 18P
   GaAs MES FET
1996
More results

Similar Description - NE713

ManufacturerPart #DatasheetDescription
logo
NEC
NE76084 NEC-NE76084 Datasheet
62Kb / 12P
   C to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NE76118 NEC-NE76118 Datasheet
51Kb / 8P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE67400 CEL-NE67400 Datasheet
110Kb / 7P
   NECs L TO Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAS MESFET
NE67400B CEL-NE67400B Datasheet
116Kb / 7P
   NECs L TO Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAS MESFET
NE71383 CEL-NE71383 Datasheet
90Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
logo
NEC
NE71383B NEC-NE71383B Datasheet
86Kb / 8P
   L to Ku Band Low Noise N-Channel GaAs MESFET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
   30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE76000 NEC-NE76000 Datasheet
52Kb / 6P
   LOW NOISE L TO Ku BAND GaAs MESFET
NE76084S NEC-NE76084S Datasheet
42Kb / 4P
   LOW NOISE L TO Ku BAND GaAs MESFET
NE76038 NEC-NE76038 Datasheet
40Kb / 6P
   LOW NOISE L TO Ku-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com