Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE661M04-T2 Datasheet(PDF) 10 Page - NEC

Part # NE661M04-T2
Description  NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE661M04-T2 Datasheet(HTML) 10 Page - NEC

  NE661M04-T2 Datasheet HTML 1Page - NEC NE661M04-T2 Datasheet HTML 2Page - NEC NE661M04-T2 Datasheet HTML 3Page - NEC NE661M04-T2 Datasheet HTML 4Page - NEC NE661M04-T2 Datasheet HTML 5Page - NEC NE661M04-T2 Datasheet HTML 6Page - NEC NE661M04-T2 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 7 page
background image
Data Sheet P14909EJ1V0DS00
10
NE661M04
SOLDERING CONDITIONS
Solder this product under the following recommended conditions.
For soldering methods and conditions other than those recommended, consult NEC.
Soldering Method(s)
Soldering Conditions
Recommended Conditions Symbol
Infrared reflow
Package peak temperature: 235°C, Time: 30 sec max. (210°C min.),
Number of times: twice max., Maximum number of days: None
Note
IR35-00-2
VPS
Package peak temperature: 215°C, Time: 40 sec max. (200°C min.),
Number of times: twice max., Maximum number of days: None
Note
VP15-00-2
Wave soldering
Solder bath temperature: 260°C, Time: 10 sec max., Number of
times: once, Maximum number of days: None
Note
WS60-00-1
Note Number of days in storage after the dry pack has been opened.
The storage conditions are at 25°C,
65% RH MAX.
Caution Do not use two or more soldering methods in combination.
For details of the recommended soldering conditions, refer to information document Semiconductor Device
Mounting Technology Manual (C10535E).


Similar Part No. - NE661M04-T2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE661M04-T2-A CEL-NE661M04-T2-A Datasheet
188Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE661M04-T2-A CEL-NE661M04-T2-A Datasheet
227Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE661M04-T2

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5507 NEC-2SC5507 Datasheet
91Kb / 12P
   NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5508 NEC-2SC5508 Datasheet
106Kb / 16P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5761 NEC-2SC5761 Datasheet
81Kb / 14P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE & HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
California Eastern Labs
NESG3031M05-T1-A CEL-NESG3031M05-T1-A Datasheet
673Kb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M05, 2012 PKG)
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508 Datasheet
229Kb / 10P
   NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
logo
NEC
2SC5436 NEC-2SC5436 Datasheet
77Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR ULTRA SUPER MINI MOLD FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5183 NEC-2SC5183 Datasheet
60Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5178 NEC-2SC5178 Datasheet
82Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
2SC5606 NEC-2SC5606 Datasheet
68Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com