Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC4051 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD74HC4051
Description  8-Channel Analog Multiplexer Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC4051 Datasheet(HTML) 3 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HD74HC4051
3
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage
V
CC
–0.5 to +7.0
V
V
CC – VEE
–0.5 to +7.0
V
Control input voltage
V
IN
GND – 0.5 to V
CC + 0.5
V
Switch I/O voltage
V
I/O
V
EE – 0.5 to VCC + 0.5
V
Supply current
(V
CC)I CC
+50
mA
(GND)
I
GND
–50
mA
Switch I/O current (per pin)
I
I/O
±25
mA
Control input diode current
I
IK
±20
mA
Switch I/O diode current
I
IOK
±20
mA
Power dissipation
P
T
500
mW
Storage temperature range
Tstg
–65 to +150
°C
Recommended Operating Range
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC – VEE
2—
6V
V
GND – VEE
–4
0
V
Control input voltage
V
IN
0—
V
CC
V
Switch I/O voltage
V
I/O
V
EE
—V
CC
V
Operating temperature
Topr
–40
+85
°C
Input rise/fall time
V
CC = 2.0 V
t
r, t f
0
1000
ns
V
CC = 4.5 V
0
500
ns
V
CC = 6.0 V
0
400
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn