Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC4051 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HD74HC4051
Description  8-Channel Analog Multiplexer Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC4051 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HD74HC4051 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HD74HC4051
6
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns, VSS = VEE = GND) (cont)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
Sine wave distortion
4.5
0.1
%
f
in = 1 kHz, Vin = 4 VP-P
R
L = 10 kΩ, CL = 50 pF
Frequency response
channel “ON”
(Sine wave input)
4.5
95
MHz
f
in = 1 MHz,
20 log
10 V OS/VIS = –3 dB
R
L = 50 Ω, CL = 10 pF
Feed through
attenuation
4.5
–50
dB
R
L = 600 Ω, CL = 50 pF,
f
in = 1 MHz
Cross talk between
2.0
25
mV
R
L = 600 Ω, CL = 15 pF,
any two switches
4.5
60
f
in = 1 MHz
6.0
—75———
Maximum control
2.0
20
MHz
R
L = 1 kΩ, CL = 15 pF
frequency
4.5
30
Vout = 1/2 (V
CC)
6.0
—30———
AC Characteristics Test Circuit
Maximum Control Frequency
VCC
VCC
Vout
VSS
VEE
VCC
Vout
Vcc/2
VC
0 V
RL=
1k
CL=
15pF
VC
Vin VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn