Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC4051 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD74HC4051
Description  8-Channel Analog Multiplexer Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC4051 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC4051 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
HD74HC4051
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns, VSS = VEE = GND)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
Propagation delay
t
PLH
2.0
25
60
75
ns
R
L = 10 kΩ
time
4.5
6
12
15
Switch input to
6.0
5
10
13
switch output
t
PHL
2.0
25
60
75
ns
4.5
6
12
15
6.0
5
10
13
Propagation delay
t
PLH
2.0
50
153
191
ns
R
L = 10 kΩ
time
4.5
16
30
38
Control input to
6.0
14
26
33
switch output
t
PHL
2.0
50
153
191
ns
4.5
16
30
38
6.0
14
26
33
Output enable
t
ZH
2.0
50
153
191
ns
R
L = 1 kΩ
time
4.5
14
30
38
6.0
12
26
33
t
ZL
2.0
50
153
191
ns
4.5
14
30
38
6.0
12
26
33
Output disable
t
HZ
2.0
40
153
191
ns
R
L = 1 kΩ
time
4.5
17
30
38
6.0
14
26
33
t
LZ
2.0
40
153
191
ns
4.5
17
30
38
6.0
14
26
33
Control input
capacitance
Cin
5
10
10
pF
Switch input
capacitance
Cin
5.0
5
pF
Output capacitance
(Common pin)
Cout
5.0
22
pF
Feed through
capacitance
Cin–out
5.0
0.7
pF
Power dissipation
capacitance
C
PD
5.0
22.0
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn