Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC4051 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74HC4051
Description  8-Channel Analog Multiplexer Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC4051 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HC4051 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC4051 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HD74HC4051
4
DC Characteristics (V
SS = VEE = GND)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
Control input voltage V
IH
2.0
1.5
1.5
V
4.5
3.15
3.15
6.0
4.2
4.2
V
IL
2.0
0.5
0.5
V
4.5
1.35
1.35
6.0
1.8
1.8
ON resistance
R
ON
2.0
2000
5000 —
6250
V
INH = VIL
4.5
120
180
225
V
I/O = VCC to VEE
6.0
100
170
210
I
I/O ≤ 2 mA
2.0
200
800
1000
V
INH = VIL
4.5
80
150
190
V
I/O = VCC to VEE
6.0
70
140
175
V
I/O ≤ 2 mA
∆ON resistance
∆R
ON
2.0
—50———
V
INH = VIL
between any two
4.5
13
40
50
V
I/O = VCC to VEE
channels
6.0
10
20
25
I
I/O ≤ 2 mA
OFF channel
leakage current
(switch off)
I
S (OFF)
6.0
±0.1 —
±1.0 µAV
INH = VIL
OFF channel
leakage current
(switch on)
I
S (ON)
6.0
±0.1 —
±1.0 µAV
INH = VIL
Control input current Iin
6.0
±0.1 —
±1.0 µA
Vin = V
CC or VSS
Quiescent supply
current
I
CC
6.0
4.0
40
µA
Vin = V
CC or VSS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn