Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE651R479A-T1 Datasheet(PDF) 7 Page - NEC

Part # NE651R479A-T1
Description  0.4 W L-BAND POWER GaAs HJ-FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE651R479A-T1 Datasheet(HTML) 7 Page - NEC

  NE651R479A-T1 Datasheet HTML 1Page - NEC NE651R479A-T1 Datasheet HTML 2Page - NEC NE651R479A-T1 Datasheet HTML 3Page - NEC NE651R479A-T1 Datasheet HTML 4Page - NEC NE651R479A-T1 Datasheet HTML 5Page - NEC NE651R479A-T1 Datasheet HTML 6Page - NEC NE651R479A-T1 Datasheet HTML 7Page - NEC NE651R479A-T1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet P13670EJ2V0DS00
7
NE651R479A
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions.
For soldering
methods and conditions other than those recommended below, contact your NEC sales representative.
Soldering Method
Soldering Conditions
Recommended Condition Symbol
Infrared Reflow
Package peak temperature: 235
°C or below,
Time: 30 seconds or less (at 210
°C or higher),
Count: 2 times or less,
Exposure: limit: None
Note
IR35-00-2
Partial Heating
Pin temperature: 260
°C or below,
Time: 5 seconds or less (per pin row)
Exposure: limit: None
Note
Note After opening the dry pack, store it at 25
°C or less and 65 % RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).


Similar Part No. - NE651R479A-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE651R479A-T1 RENESAS-NE651R479A-T1 Datasheet
199Kb / 11P
   N-CHANNEL GaAs HJ-FET
2001
logo
California Eastern Labs
NE651R479A-T1-A CEL-NE651R479A-T1-A Datasheet
501Kb / 11P
   MEDIUM POWER GaAs HJ-FET
More results

Similar Description - NE651R479A-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE6510379A NEC-NE6510379A Datasheet
97Kb / 8P
   3 W L-BAND POWER GaAs HJ-FET
NE650R479A NEC-NE650R479A Datasheet
79Kb / 8P
   0.4 W L, S-BAND POWER GaAs MES FET
logo
California Eastern Labs
NE6510179A CEL-NE6510179A Datasheet
285Kb / 10P
   NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
logo
Hexawave, Inc
HWF1681RA HW-HWF1681RA Datasheet
145Kb / 3P
   L-Band GaAs Power FET
HWF1682RA HW-HWF1682RA Datasheet
103Kb / 3P
   L-Band GaAs Power FET
HWL23NPB HW-HWL23NPB Datasheet
109Kb / 7P
   L-Band GaAS Power FET
HWL26NPA HW-HWL26NPA Datasheet
72Kb / 2P
   L-Band GaAs POWER FET
HWL36YRF HW-HWL36YRF Datasheet
91Kb / 3P
   L-Band GaAs Power FET
HWL27NPB_V1 HW-HWL27NPB_V1_15 Datasheet
101Kb / 4P
   L-Band GaAs Power FET
HWF1686RA_V3 HW-HWF1686RA_V3_15 Datasheet
114Kb / 3P
   L-Band GaAs Power FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com