Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC368 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74HC368
Description  Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC368 Datasheet(HTML) 1 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HD74HC368
Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
Features
• High Speed Operation: t
pd (A to Y) = 9 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
Function Table
G
AY
HX
Z
LL
H
LH
L
X :
irrelevant
Z
:
Off (high-impedance) state of a 3-state output.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn