Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC368 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74HC368
Description  Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC368 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HC368 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC368 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC368 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC368 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC368 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC368 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC368 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC368 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC368
4
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
95
120
ns
time
t
PHL
4.5
9
19
24
6.0
16
20
Output enable
t
ZH
2.0
190 —
240
ns
time
t
ZL
4.5
13
38
48
6.0
32
41
Output disable
t
HZ
2.0
175 —
220
ns
time
t
LZ
4.5
15
35
44
6.0
30
37
Output rise/fall
t
TLH
2.0
60
75
ns
time
t
THL
4.5
4
12
15
6.0
10
13
Input capacitance
Cin
5
10
10
pF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn