Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE6510179 Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE6510179
Description  NECs 3W, L&S-BAND MEDIUM POWER GaAs HJ-FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE6510179 Datasheet(HTML) 2 Page - California Eastern Labs

  NE6510179 Datasheet HTML 1Page - California Eastern Labs NE6510179 Datasheet HTML 2Page - California Eastern Labs NE6510179 Datasheet HTML 3Page - California Eastern Labs NE6510179 Datasheet HTML 4Page - California Eastern Labs NE6510179 Datasheet HTML 5Page - California Eastern Labs NE6510179 Datasheet HTML 6Page - California Eastern Labs NE6510179 Datasheet HTML 7Page - California Eastern Labs NE6510179 Datasheet HTML 8Page - California Eastern Labs NE6510179 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TC = 25 °C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VDS
Drain to Source Voltage
V
8
VGS
Gate to Source Voltage
V
-4
IDS
Drain Current
A
2.8
IGS
Gate Current (IGF, IGR)
mA
±25
PT
Total Power Dissipation2
W15
TCH
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
RECOMMENDED OPERATING LIMITS
SYMBOLS
PARAMETERS
UNITS
TYP
MAX
VDS
Drain to Source Voltage
V
3.5
6.0
TCH
Channel Temperature
°C
+125
GCOMP
Gain Compression1
dB
3.0
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NE6510179A
PART NUMBER
QTY
NE6510179A-T1-A
1 K/Reel
NE6510179A-A
Bulk, 100 piece min.
ORDERING INFORMATION
TYPICAL RF PERFORMANCE FOR REFERENCE (NOT SPECIFIED) (TC = 25°C)
SYMBOLS
CHARACTERISTICS
UNITS
MIN
TYP
MAX
TEST CONDITIONS
POUT
Output Power
dBm
35.0
GL
Linear Gain1
dB
10.0
ηADD
Power Added Efficiency
%
56
ID
Drain Current
A
1.2
POUT
Output Power
dBm
31.5
GL
Linear Gain1
dB
15.0
ηADD
Power Added Efficiency
%
70
ID
Drain Current
A
0.53
f = 1900 MHz, VDS = 5.0 V,
Pin = +25 dBm, Rg = 100 Ω
IDSQ = 200 mA (RF OFF)
Notes:
1. Pin = 0 dBm
f = 900 MHz, VDS = 3.5 V,
Pin = +20 dBm, Rg = 100 Ω
IDSQ = 200 mA (RF OFF)
Note:
1. Recommended maximum gain compression is 3.0 dB at
VDS > 4.2 V.
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
Case Temperature, TC (°C)
25°C
15
20
10
150
100
50
0
RTH = 8°C/W
5


Similar Part No. - NE6510179

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE6510179A RENESAS-NE6510179A Datasheet
207Kb / 11P
   N-CHANNEL GaAs HJ-FET
2001
NE6510179A-T1 RENESAS-NE6510179A-T1 Datasheet
207Kb / 11P
   N-CHANNEL GaAs HJ-FET
2001
More results

Similar Description - NE6510179

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE6500379A CEL-NE6500379A Datasheet
162Kb / 7P
   3W, L/S-BAND MEDIUM POWER GaAs MESFET
NE5520379A CEL-NE5520379A Datasheet
390Kb / 9P
   NECs 3.2V, 3W, L/S BAND MEDIUM POWER SILICON LD-MOSFET
logo
NEC
NE651R479A NEC-NE651R479A Datasheet
69Kb / 8P
   0.4 W L-BAND POWER GaAs HJ-FET
NE6510379A NEC-NE6510379A Datasheet
97Kb / 8P
   3 W L-BAND POWER GaAs HJ-FET
NE6500379A NEC-NE6500379A Datasheet
88Kb / 8P
   3W L, S-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE651R479A CEL-NE651R479A Datasheet
501Kb / 11P
   MEDIUM POWER GaAs HJ-FET
logo
Mitsubishi Electric Sem...
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
   L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
   L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A_1 Datasheet
207Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com