Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC365 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HD74HC365
Description  Hex Bus Drivers (with 3-state outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC365 Datasheet(HTML) 2 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74HC365
2
Pin Arrangement
VCC
G2
6A
6Y
5A
5Y
4A
4Y
(Top view)
G1
1A
1Y
2A
2Y
3A
3Y
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
V
CC
–0.5 to +7.0
V
Input voltage
V
IN
–0.5 to V
CC + 0.5
V
Output voltage
V
OUT
–0.5 to V
CC + 0.5
V
DC current drain per pin
I
OUT
±35
mA
DC current drain per V
CC, GND
I
CC, IGND
±75
mA
DC input diode current
I
IK
±20
mA
DC output diode current
I
OK
±20
mA
Power dissipation per package
P
T
500
mW
Storage temperature
Tstg
–65 to +150
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn