Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC365 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD74HC365
Description  Hex Bus Drivers (with 3-state outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC365 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC365 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-16
Conforms
Conforms
1.07 g
Unit: mm
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
1.11 Max


Similar Part No. - HD74HC365

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HD74HC365 RENESAS-HD74HC365 Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC365FPEL RENESAS-HD74HC365FPEL Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC365P RENESAS-HD74HC365P Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC365RPEL RENESAS-HD74HC365RPEL Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
More results

Similar Description - HD74HC365

ManufacturerPart No.DatasheetDescription
Hitachi Semiconductor
Hitachi Semiconductor
HD74HC366 HITACHI-HD74HC366 Datasheet
45Kb / 8P
   Hex Bus Drivers (with 3-state outputs)
Texas Instruments
Texas Instruments
SN54HC366 TI-SN54HC366 Datasheet
696Kb / 21P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
Renesas Technology Corp
Renesas Technology Corp
HD74HC365 RENESAS-HD74HC365 Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
Texas Instruments
Texas Instruments
SN54365A TI-SN54365A_08 Datasheet
835Kb / 24P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN54365A TI1-SN54365A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX BUS DRIVERS WITH 3 STATE OUTPUTS
Renesas Technology Corp
Renesas Technology Corp
HD74HC366 RENESAS-HD74HC366 Datasheet
90Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC367 RENESAS-HD74HC367 Datasheet
91Kb / 7P
   Hex Bus Drivers (Noninverted Data Outputs with 3-state outputs)
Hitachi Semiconductor
Hitachi Semiconductor
HD74HC367 HITACHI-HD74HC367 Datasheet
46Kb / 8P
   Hex Bus Drivers (noninverted Data Outputs with 3-state outputs)
HD74HC368 HITACHI-HD74HC368 Datasheet
46Kb / 8P
   Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
Renesas Technology Corp
Renesas Technology Corp
HD74HC368 RENESAS-HD74HC368 Datasheet
91Kb / 7P
   Hex Bus Drivers (Inverted Data Outputs with 3-state outputs)
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz