Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC365 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74HC365
Description  Hex Bus Drivers (with 3-state outputs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC365 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HC365 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC365 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC365
4
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
120 —
150
ns
time
t
PHL
4.5
9
24
30
6.0
20
26
Output enable
t
ZH
2.0
220 —
275
ns
time
t
ZL
4.5
13
44
55
6.0
37
47
Output disable
t
HZ
2.0
220 —
275
ns
time
t
LZ
4.5
15
44
55
6.0
37
47
Output rise/fall
t
TLH
2.0
60
75
ns
time
t
THL
4.5
4
12
15
6.0
10
13
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC365

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC365 RENESAS-HD74HC365 Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC365FPEL RENESAS-HD74HC365FPEL Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC365P RENESAS-HD74HC365P Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC365RPEL RENESAS-HD74HC365RPEL Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
More results

Similar Description - HD74HC365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54365A TI-SN54365A_08 Datasheet
835Kb / 24P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN54365A TI1-SN54365A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX BUS DRIVERS WITH 3 STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC366 HITACHI-HD74HC366 Datasheet
45Kb / 8P
   Hex Bus Drivers (with 3-state outputs)
logo
Texas Instruments
SN54HC366 TI-SN54HC366 Datasheet
696Kb / 21P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC365 RENESAS-HD74HC365 Datasheet
91Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC366 RENESAS-HD74HC366 Datasheet
90Kb / 7P
   Hex Bus Drivers (with 3-state outputs)
HD74HC367 RENESAS-HD74HC367 Datasheet
91Kb / 7P
   Hex Bus Drivers (Noninverted Data Outputs with 3-state outputs)
HD74HC368 RENESAS-HD74HC368 Datasheet
91Kb / 7P
   Hex Bus Drivers (Inverted Data Outputs with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC368 HITACHI-HD74HC368 Datasheet
46Kb / 8P
   Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
HD74HC367 HITACHI-HD74HC367 Datasheet
46Kb / 8P
   Hex Bus Drivers (noninverted Data Outputs with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com