Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AR1USB1-3826 Datasheet(PDF) 2 Page - Allied Components International

Part No. AR1USB1-3826
Description  Single Port RJ45 & Single Port USB Combo
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLIED [Allied Components International]
Homepage  http://www.alliedcomponents.com
Logo 

AR1USB1-3826 Datasheet(HTML) 2 Page - Allied Components International

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
04/12/13
1. Shield-
0.20mm THICKNESS BRASS C2680 H.
PLATING NICKEL 20u" Min
2. Housing-
Standard Material Nylon 66, Glass filled
Polyester UL94V-0 Standard Color Black.
3. Insert Pin-
Plastic: PBT+30% GF UL94V-0, Standard
Color Black.
Pin: 0.35mm Thickness Phos-Bronze C5210 EH.
Plating: Nickel 40u"-60u" for all Sn 100%, and
3u" Gold Plating.
4. Contact Pin-
Plastic: Nylon 66, Glass Filled, UL94V-0,
Standard Color Black.
Pin: 0.35mm Thickness Phos-Bronze C2680.
Plating: Nickel 40u"-60u" for all Sn 100%.
USB
1. Shielded-
STEEL, 20u"-~40u", Nickel Plated Overall
2. Contact Pin-
Plastic: PBT+30% GF UL94V-0, Standard
Color Black.
Pin: 0.35mm Thickness Phos-Bronze C5210 EH.
Plating: Nickel 40u"-60u" for all and Sn 100%.
and Gold Plating
PCB LAYOUT
SCHEMATICS
Single Port RJ45 & Single Port USB Combo
AR1USB1-3826
NOTES


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn