Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AR1USB1-3826 Datasheet(PDF) 1 Page - Allied Components International

Part No. AR1USB1-3826
Description  Single Port RJ45 & Single Port USB Combo
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLIED [Allied Components International]
Homepage  http://www.alliedcomponents.com
Logo 

AR1USB1-3826 Datasheet(HTML) 1 Page - Allied Components International

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
04/12/13
MECHANICAL
Single Port RJ45 & Single Port USB Combo
AR1USB1-3826
10/100 BaseT Gigabit Ethernet Application
Single Port USB 2.0
Transmit open circuit inductance (OCL): 350uH (MIN) @100KHz,0.1VRMS with 8mA DC Bias
RJ45 jack cavity conforms to FCC rules and regulations Part 68, SUB Part F
Storage temperature range: -40ºC to +85ºC
Standard Operating Temp: 0ºC to +70ºC
Contact Factory for Industrial Temp.
Electrical Specifications @ 25°C
Part
Number
OCL(uH Min)
@ 100kHz, 0.1V
Turns Ratio
chip: cable
(±2%)
Insertion Loss
(dB Max)
Return Loss
(dB Min)
With 8mA DC Bias
1-100MHz
1-30MHz
30-60MHz
AR1USB1-3826
350
1CT:1CT
1.0
-18
-18-20LOG(F/30MHz)
60-80MHz
-12
All specifications subject to change without notice.
Electrical Specifications @ 25°C
Cross Talk
(dB Min)
CMR
(dB Min)
HI-POT
(Vrms)
10MHz
100MHz
-50
-30
1500
0.5-1MHz
-50
10MHz
100MHz
-47
-30
0.3-1MHz
-50
0.5mA/2Sec.
50MHz
-35
30MHz
-40
30MHz
-42
60MHz
-37
CDMR
(dB Min)
10MHz
100MHz
-50
-40
0.3-1MHz
-50
30MHz
-50
60MHz
-45


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn