Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC356 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HC356
Description  8-to-1-line Data Selectors/Multiplexer/Register(with 3-state outputs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC356 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC356 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC356 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HC356
5
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
1.5
V
4.5
3.15 —
3.15
6.0
4.2
4.2
V
IL
2.0
0.5
0.5
V
4.5
1.35 —
1.35
6.0
1.8
1.8
Output voltage
V
OH
2.0
1.9
2.0
1.9
V
Vin = V
IH or VIL
I
OH = –20 µA
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
4.5
4.18 —
4.13
I
OH = –6 mA
6.0
5.68 —
5.63
I
OH = –7.8 mA
V
OL
2.0
0.0
0.1
0.1
V
Vin = V
IH or VIL
I
OL = 20 µA
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
4.5
0.26 —
0.33
I
OL = 6 mA
6.0
0.26 —
0.33
I
OL = 7.8 mA
Off-state output
current
I
OZ
6.0
±0.5 —
±5.0 µA
Vin = V
IH or VIL,
Vout = V
CC or GND
Input current
Iin
6.0
±0.1 —
±1.0 µA
Vin = V
CC or GND
Quiescent supply
current
I
CC
6.0
4.0
40
µA
Vin = V
CC or GND, Iout = 0 µA


Similar Part No. - HD74HC356

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC356 RENESAS-HD74HC356 Datasheet
201Kb / 9P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356FPEL RENESAS-HD74HC356FPEL Datasheet
201Kb / 9P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356RPEL RENESAS-HD74HC356RPEL Datasheet
201Kb / 9P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
More results

Similar Description - HD74HC356

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC354 HITACHI-HD74HC354 Datasheet
64Kb / 10P
   8-to-1-line Data Selectors/Multiplexer Register(with 3-state outputs)
logo
Texas Instruments
CD54HC354 TI-CD54HC354 Datasheet
168Kb / 14P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
CD54HC354 TI-CD54HC354_07 Datasheet
246Kb / 15P
[Old version datasheet]   8-Line to 1-Line Data Selector/Multiplexer/Register With 3-State Outputs
logo
Renesas Technology Corp
HD74HC354 RENESAS-HD74HC354 Datasheet
122Kb / 10P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
HD74HC356 RENESAS-HD74HC356 Datasheet
201Kb / 9P
   8-to-1-line Data Selector/Multiplexer/Register (with 3-state outputs)
logo
Texas Instruments
SN54HC354 TI-SN54HC354 Datasheet
143Kb / 7P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS/TRANSPARENT REGISTERS WITH 3-STATE OUTPUTS
SN54LS353 TI-SN54LS353 Datasheet
145Kb / 4P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI-SN54F258 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HCT257 TI-SN54HCT257 Datasheet
272Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F258 TI1-SN54F258_12 Datasheet
79Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com