Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC257 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 74HC257
Description  Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

74HC257 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  74HC257 Datasheet HTML 1Page - Hitachi Semiconductor 74HC257 Datasheet HTML 2Page - Hitachi Semiconductor 74HC257 Datasheet HTML 3Page - Hitachi Semiconductor 74HC257 Datasheet HTML 4Page - Hitachi Semiconductor 74HC257 Datasheet HTML 5Page - Hitachi Semiconductor 74HC257 Datasheet HTML 6Page - Hitachi Semiconductor 74HC257 Datasheet HTML 7Page - Hitachi Semiconductor 74HC257 Datasheet HTML 8Page - Hitachi Semiconductor 74HC257 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74HC257
2
Pin Arrangement
1
2
3
4
5
6
7
8
Select
1A
1B
1Y
2A
2B
2Y
GND
1A
1B
1Y
2A
2B
2Y
OC
4A
4B
4Y
3A
3B
VCC
4A
4B
4Y
3A
3B
3Y
16
15
14
13
12
11
10
9
Output
control
(Top view)
3Y
S
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage range
V
CC
–0.5 to +7.0
V
Input voltage
V
IN
–0.5 to V
CC + 0.5
V
Output voltage
V
OUT
–0.5 to V
CC + 0.5
V
DC current drain per pin
I
OUT
±35
mA
DC current drain per V
CC, GND
I
CC, IGND
±75
mA
DC input diode current
I
IK
±20
mA
DC output diode current
I
OK
±20
mA
Power dissipation per package
P
T
500
mW
Storage temperature
Tstg
–65 to +150
°C


Similar Part No. - 74HC257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74HC257 TI-74HC257 Datasheet
52Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
logo
Toshiba Semiconductor
74HC257 TOSHIBA-74HC257 Datasheet
250Kb / 6P
   QUAD 2-CHANEL MULTIPLEXER (3-STATE)
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
   Quad 2-input multiplexer 3-state
1998 Sep 30
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
   Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
logo
Nexperia B.V. All right...
74HC257 NEXPERIA-74HC257 Datasheet
249Kb / 15P
   Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
More results

Similar Description - 74HC257

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC257 RENESAS-HD74HC257 Datasheet
106Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
HD74LV157A RENESAS-HD74LV157A Datasheet
77Kb / 9P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
HD74HC157 RENESAS-HD74HC157 Datasheet
73Kb / 10P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted outputs)
HD74LV157A RENESAS-HD74LV157A_15 Datasheet
101Kb / 11P
   Quad. 2-to-1 line Data Selectors / Multiplexers (Noninverted Outputs)
logo
Hitachi Semiconductor
HD74LV157A HITACHI-HD74LV157A Datasheet
62Kb / 14P
   Quad. 2-to-1 line Data Selectors / Multiplexers(Noninverted Outputs)
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
logo
Renesas Technology Corp
HD74HC258 RENESAS-HD74HC258 Datasheet
108Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
logo
Hitachi Semiconductor
HD74LS157 HITACHI-HD74LS157 Datasheet
59Kb / 6P
   Quadruple 2-line-to-1-line Data Selectors/Multiplexers(noninverted outputs)
logo
Renesas Technology Corp
HD74LS157 RENESAS-HD74LS157 Datasheet
73Kb / 7P
   Quadruple 2-line-to-1-line Data Selectors / Multiplexers (noninverted outputs)
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com