Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC240 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HC240
Description  Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC240 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC240 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC240 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC240 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC240 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC240 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC240 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC240 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC240 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC240 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HC240
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PHL
2.0
90
115
ns
time
4.5
10
18
23
6.0
15
20
t
PLH
2.0
90
115
ns
4.5
10
18
23
6.0
15
20
Output enable
t
ZL
2.0
150 —
190
ns
time
4.5
11
30
38
6.0
26
33
t
ZH
2.0
150 —
190
ns
4.5
12
30
38
6.0
26
33
Output disable
t
LZ
2.0
150 —
190
ns
time
4.5
16
30
38
6.0
26
33
t
HZ
2.0
150 —
190
ns
4.5
19
30
38
6.0
26
33
Output rise/fall
t
TLH
2.0
60
75
ns
time
t
THL
4.5
4
12
15
6.0
10
13
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC240

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC240 RENESAS-HD74HC240 Datasheet
110Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240FPEL RENESAS-HD74HC240FPEL Datasheet
110Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240FPEL RENESAS-HD74HC240FPEL Datasheet
131Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240P RENESAS-HD74HC240P Datasheet
110Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240P RENESAS-HD74HC240P Datasheet
131Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
More results

Similar Description - HD74HC240

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT240 HITACHI-HD74HCT240 Datasheet
59Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT240 RENESAS-HD74HCT240 Datasheet
106Kb / 7P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240_15 Datasheet
131Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC244 RENESAS-HD74HC244_15 Datasheet
129Kb / 10P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244_15 Datasheet
122Kb / 9P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HC240 RENESAS-HD74HC240 Datasheet
110Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT244 RENESAS-HD74HCT244 Datasheet
105Kb / 7P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74HCT241 RENESAS-HD74HCT241 Datasheet
99Kb / 8P
   Octal Buffers/Line Drivers/Line Receivers (with inverted 3-state outputs)
HD74LS240 RENESAS-HD74LS240 Datasheet
74Kb / 6P
   Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
logo
Hitachi Semiconductor
HD74LS240 HITACHI-HD74LS240 Datasheet
53Kb / 5P
   Octal Buffers/Line Drivers/Line Receivers(inverted three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com