Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE650R279A-T1 Datasheet(PDF) 7 Page - NEC

Part # NE650R279A-T1
Description  0.2 W L, S-BAND POWER GaAs MES FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE650R279A-T1 Datasheet(HTML) 7 Page - NEC

  NE650R279A-T1 Datasheet HTML 1Page - NEC NE650R279A-T1 Datasheet HTML 2Page - NEC NE650R279A-T1 Datasheet HTML 3Page - NEC NE650R279A-T1 Datasheet HTML 4Page - NEC NE650R279A-T1 Datasheet HTML 5Page - NEC NE650R279A-T1 Datasheet HTML 6Page - NEC NE650R279A-T1 Datasheet HTML 7Page - NEC NE650R279A-T1 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Data Sheet
7
NE650R279A
[MEMO]


Similar Part No. - NE650R279A-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE650R279A-T1 RENESAS-NE650R279A-T1 Datasheet
212Kb / 10P
   N-CHANNEL GaAs MES FET
1998
More results

Similar Description - NE650R279A-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE650R479A NEC-NE650R479A Datasheet
79Kb / 8P
   0.4 W L, S-BAND POWER GaAs MES FET
NE960R2 NEC-NE960R2 Datasheet
62Kb / 12P
   0.2 W X, Ku-BAND POWER GaAs MES FET
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NES1823P-140 NEC-NES1823P-140 Datasheet
47Kb / 8P
   140 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-45 NEC-NES1823P-45 Datasheet
47Kb / 8P
   45 W L, S-BAND PUSH-PULL POWER GaAs MES FET
NES1823P-30 NEC-NES1823P-30 Datasheet
51Kb / 8P
   30 W L-S BAND PUSH-PULL POWER GaAs MES FET
NES1823P-50 NEC-NES1823P-50 Datasheet
44Kb / 8P
   50 W L-BAND PUSH-PULL POWER GaAs MES FET
NES2527B-30 NEC-NES2527B-30 Datasheet
37Kb / 4P
   30 W S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NES2427P-140 RENESAS-NES2427P-140 Datasheet
187Kb / 10P
   N-CHANNEL GaAs MES FET 140 W S-BAND PUSH-PULL POWER GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com