Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC20 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part No. HD74HC20
Description  Dual 4-input NAND Gates
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC20 Datasheet(HTML) 4 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-14
Conforms
Conforms
0.97 g
Unit: mm
7.62
0.25
0
° – 15°
19.20
20.32 Max
1
8
14
7
1.30
2.54
± 0.25
0.48
± 0.10
+ 0.10
– 0.05
2.39 Max


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54LS20Dual 4-Input NAND Gates 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74LS20Dual 4-input Positive NAND Gates 1 2 3 4 5 Hitachi Semiconductor
HD74LV20ADual 4-input Positive NAND Gates 1 2 3 4 5 MoreHitachi Semiconductor
5420Dual 4-Input NAND Gates 1 2 3 4 National Semiconductor (TI)
74LVT203.3V Dual 4-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
SN54LS21DUAL 4-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
74AC20Dual 4-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor
74AC11020DUAL 4-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
74LVQ20DUAL 4-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74AC20DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn