Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC193 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD74HC193
Description  Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC193 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD74HC193 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC193 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC193 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC193 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC193 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC193 Datasheet HTML 10Page - Hitachi Semiconductor HD74HC193 Datasheet HTML 11Page - Hitachi Semiconductor HD74HC193 Datasheet HTML 12Page - Hitachi Semiconductor HD74HC193 Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-16
Conforms
Conforms
1.07 g
Unit: mm
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
1.11 Max


Similar Part No. - HD74HC193

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC193 RENESAS-HD74HC193 Datasheet
151Kb / 14P
   Synchronous Up/Down Decade Counter (Dual Clock Lines)
HD74HC193FPEL RENESAS-HD74HC193FPEL Datasheet
151Kb / 14P
   Synchronous Up/Down Decade Counter (Dual Clock Lines)
HD74HC193P RENESAS-HD74HC193P Datasheet
151Kb / 14P
   Synchronous Up/Down Decade Counter (Dual Clock Lines)
More results

Similar Description - HD74HC193

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
   Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Hitachi Semiconductor
HD74HC668 HITACHI-HD74HC668 Datasheet
84Kb / 14P
   Synchronous UP/Down Decade,4-bit binary Counter
logo
NXP Semiconductors
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
   Synchronous up/down counter, binary/decade counter
January 1995
logo
Renesas Technology Corp
HD74LS191 RENESAS-HD74LS191 Datasheet
92Kb / 11P
   Synchronous Up / Down 4-bit Binary Counter (single clock line)
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
   SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
logo
National Semiconductor ...
DM54193 NSC-DM54193 Datasheet
121Kb / 5P
   Synchronous Up/Down 4-Bit Binary Counter with Dual Clock
logo
Renesas Technology Corp
HD74LS190 RENESAS-HD74LS190 Datasheet
198Kb / 11P
   Synchronous Up / Down Decade Counter (signal clock line)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com