Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC166 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD74HC166
Description  Parallel-load 8-bit Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC166 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC166 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC166 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC166 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC166 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC166 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC166 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC166 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC166 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC166 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74HC166
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Maximum clock
f
max
2.0
5
4
MHz
frequency
4.5
25
20
6.0
29
24
Propagation delay t
PHL
2.0
175 —
220
ns
Clock to Q
H
time
t
PLH
4.5
14
35
44
6.0
30
37
t
PHL
2.0
150 —
190
ns
Clear to Q
H
4.5
12
30
38
6.0
26
33
Setup time
t
su
2.0
150 —
190
ns
Shift/Load to Clock
4.5
30
2
38
6.0
26
33
2.0
100 —
125
ns
Data to Clock
4.5
20
1
25
6.0
17
21
Hold time
t
h
2.0
5
5
ns
Clock to Data
4.5
5
0
5
6.0
5
5
Pulse width
t
w
2.0
80
100
ns
Clock, Clear
4.5
16
6
20
6.0
14
17
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74HC165-Q18-BIT PARALLEL-LOAD SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
MM74C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreFairchild Semiconductor
HD74LV165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74ALS166PARALLEL-LOAD 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
HD74AC165Parallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn