Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC165 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part No. HD74HC165
Description  Parallel-load 8-bit Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC165 Datasheet(HTML) 7 Page - Hitachi Semiconductor

  HD74HC165 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC165 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HD74LS165A Parallel-Load 8-bit Shift Register 1  2  3  4  5  More Hitachi Semiconductor
MM54C165 Parallel-Load 8-Bit Shift Register 1  2  3  4  5  More National Semiconductor (TI)
HD74HC166 Parallel-load 8-bit Shift Register 1  2  3  4  5  More Hitachi Semiconductor
SN74HC165-Q1 8-BIT PARALLEL-LOAD SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
MM74C165 Parallel-Load 8-Bit Shift Register 1  2  3  4  5  More Fairchild Semiconductor
HD74LV165A Parallel-Load 8-bit Shift Register 1  2  3  4  5  More Hitachi Semiconductor
HD74LV166A Parallel-Load 8-bit Shift Register 1  2  3  4  5  More Hitachi Semiconductor
SN74ALS166 PARALLEL-LOAD 8-BIT SHIFT REGISTER 1  2  3  4  5  More Texas Instruments
HD74AC165 Parallel-Load 8-bit Shift Register 1  2  3  4  5  More Hitachi Semiconductor
74F198 8-bit bidirectional universal shift register 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn