Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC164 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74HC164
Description  8-bit Parallel-out Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC164 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74HC164 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC164 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC164 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC164 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC164 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC164 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC164 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC164 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC164 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74HC164
8-bit Parallel-out Shift Register
Description
This 8-bit shift register has gated serial inputs and clear. Each register bit is a D-type master/slave flip-
flop. Inputs A & B permit complete control over the incoming data. A low at either or both inputs inhibits
entry of new data and resets the first flip-vlop to the low level at the next clock pulse. A high level on the
input enables the other input which will then determine the state of the first flip-flop. Data at the serial
inputs may be changed while the clock is high or low, but only information meeting the setup and hold time
requirements will be entered. Data is serially shifted in and out of the 8-bit register during the positive
going transition of the clock pulse. Clear is independent of the clock and accomplished by a low level at
the clear input.
Features
• High Speed Operation: t
pd (Clock to Q) = 14.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max
Function Table
Inputs
Outputs
Clear
Clock
A
B
Q
A
Q
B
·········
Q
H
L
X
X
X
L
L
·········
L
H
XX
Q
Ao
Q
Bo
·········
Q
Ho
H
LXLQ
An
·········
Q
Gn
H
XL
L
Q
An
·········
Q
Gn
H
HH
HQ
An
·········
Q
Gn
Q
Ao to QHo = Outputs remain unchanged.
Q
An to QGn = Data shifted from the previous stage on a positive edge at the clock input.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn