Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC155 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74HC155
Description  Dual 2-to-4-line Decoders/Demultiplexers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC155 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HC155 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC155 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC155 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC155 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC155 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC155 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC155 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC155 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC155 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74HC155
4
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Input voltage
V
IH
2.0
1.5
1.5
V
4.5
3.15 —
3.15
6.0
4.2
4.2
V
IL
2.0
0.5
0.5
V
4.5
1.35 —
1.35
6.0
1.8
1.8
Output voltage
V
OH
2.0
1.9
2.0
1.9
V
Vin = V
IH or VIL
I
OH = –20 µA
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
4.5
4.18 —
4.13
I
OH = –4 mA
6.0
5.68 —
5.63
I
OH = –5.2 mA
V
OL
2.0
0.0
0.1
0.1
V
Vin = V
IH or VIL
I
OL = 20 µA
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
4.5
0.26 —
0.33
I
OL = 4 mA
6.0
0.26 —
0.33
I
OL = 5.2 mA
Input current
Iin
6.0
±0.1 —
±1.0 µA
Vin = V
CC or GND
Quiescent supply
current
I
CC
6.0
4.0
40
µA
Vin = V
CC or GND, Iout = 0 µA


Similar Part No. - HD74HC155

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC155 RENESAS-HD74HC155 Datasheet
85Kb / 7P
   Dual 2-to-4-line Decoders/Demultiplexers
HD74HC155FPEL RENESAS-HD74HC155FPEL Datasheet
85Kb / 7P
   Dual 2-to-4-line Decoders/Demultiplexers
HD74HC155P RENESAS-HD74HC155P Datasheet
85Kb / 7P
   Dual 2-to-4-line Decoders/Demultiplexers
More results

Similar Description - HD74HC155

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC139B RENESAS-RD74LVC139B_15 Datasheet
116Kb / 10P
   Dual 2-to-4-line Decoders / Demultiplexers
logo
List of Unclassifed Man...
GD74HCT155 ETC1-GD74HCT155 Datasheet
191Kb / 4P
   DUAL 2-TO-4 LINE DECODERS/DEMULTIPLEXERS
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS139 AEROFLEX-UT54ACS139 Datasheet
248Kb / 10P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54LV139A TI-SN54LV139A_08 Datasheet
779Kb / 19P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com