Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC148 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HD74HC148
Description  8-to-3-line Octal Priority Encoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC148 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HD74HC148 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC148 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC148 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC148 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC148 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC148 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC148 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC148 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC148
4
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
230 —
290
ns
0 - 7 to A
0 - A2
time
t
PHL
4.5
15
46
58
6.0
39
49
t
PLH
2.0
250 —
315
ns
0 - 7 to EO
t
PHL
4.5
16
50
63
6.0
43
54
t
PLH
2.0
270 —
340
ns
0 - 7 to GS
t
PHL
4.5
18
54
68
6.0
46
58
t
PLH
2.0
230 —
290
ns
EI to A
0 - A2
t
PHL
4.5
12
46
58
6.0
39
49
t
PLH
2.0
250 —
315
ns
EI to GS
t
PHL
4.5
12
50
63
6.0
43
54
t
PLH
2.0
270 —
340
ns
EI to EO
t
PHL
4.5
12
54
68
6.0
46
58
Output rise/fall
t
TLH
2.0
75
90
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC148

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
   8-to-3-line Octal Priority Encoder
HD74HC148FPEL RENESAS-HD74HC148FPEL Datasheet
79Kb / 6P
   8-to-3-line Octal Priority Encoder
HD74HC148P RENESAS-HD74HC148P Datasheet
79Kb / 6P
   8-to-3-line Octal Priority Encoder
More results

Similar Description - HD74HC148

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
   8-to-3-line Octal Priority Encoder
HD74LS148 RENESAS-HD74LS148 Datasheet
72Kb / 6P
   8-line-to-3-line Octal Priority Encoder
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
   8-to-3 Line Priority Encoder
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
   8-Line to 3-Line Priority Encoder
logo
STMicroelectronics
M54HC148 STMICROELECTRONICS-M54HC148 Datasheet
252Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
   8 TO 3 LINE PRIORITY ENCODER
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
   8-TO-3 LINE PRIORITY ENCODER
logo
Fairchild Semiconductor
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
   8-3 Line Priority Encoder
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
   8-3 Line Priority Encoder
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
   8-3 Line Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com