Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACR-0853-2008 Datasheet(PDF) 2 Page - Applied Concepts Inc.

Part # ACR-0853-2008
Description  TRI BANK LED RAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACR-0853-2008 Datasheet(HTML) 2 Page - Applied Concepts Inc.

  ACR-0853-2008 Datasheet HTML 1Page - Applied Concepts Inc. ACR-0853-2008 Datasheet HTML 2Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Tled
Operating temperature of LED edge light (light rail contact)
-40 to +100
Deg-C
Tstg
LED Rail storage temperature
-40 to +100
Deg-C
Ifwd
LED forward current
56.0
mA
LED OPTICAL CHARACTERISTICS
LED Manufacturer specifications for reference purpose only
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
v
Luminance Intensity
Ifwd = 110mA
26.3
-
28.9
lm
Cx
White X coordinate
0.290
-
Cy
White Y coordinate
0.268
-
LED RAIL ELECTRICAL CHARACTERISTICS
Ifwd = 46.7mA (3 Banks per Rail, 2 Rails per Display), Tled = +75Deg-C (LED s without heat sinking to the display)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vfwd
LED rail forward voltage drop
76
85
94
Vdc
TYPICAL LED RAIL PERFORMANCE GRAPHS
Rail Voltage & Pow er vs. LED drive current
(Ta = +25Deg-C)
0.0
20.0
40.0
60.0
80.0
100.0
0
10
20
30
40
50
LED current (mA)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Rail Voltage
Rail Pow er
ACR-0853-2008
PRODUCT DATA SHEET PAGE 2 OF 2
04/27/12
397 Route 281
P.O. Box 1175
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com


Similar Part No. - ACR-0853-2008

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACR-0853-2583 ACIPOWER-ACR-0853-2583 Datasheet
310Kb / 2P
   TRI BANK LED RAIL
More results

Similar Description - ACR-0853-2008

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACR-0683-2510 ACIPOWER-ACR-0683-2510 Datasheet
282Kb / 2P
   TRI-BANK LED RAIL
ACR-0833-2248 ACIPOWER-ACR-0833-2248 Datasheet
322Kb / 2P
   TRI BANK LED RAIL
ACR-0853-2583 ACIPOWER-ACR-0853-2583 Datasheet
310Kb / 2P
   TRI BANK LED RAIL
ACR-0803-2050 ACIPOWER-ACR-0803-2050 Datasheet
264Kb / 2P
   TRI BANK LED RAIL
ACR-0671-1989 ACIPOWER-ACR-0671-1989 Datasheet
252Kb / 2P
   SINGLE BANK LED RAIL
ACR-0621-1805 ACIPOWER-ACR-0621-1805 Datasheet
254Kb / 2P
   SINGLE BANK LED RAIL
ACR-0801-1714 ACIPOWER-ACR-0801-1714 Datasheet
121Kb / 2P
   SINGLE BANK LED RAIL
ACR-0801-1849 ACIPOWER-ACR-0801-1849 Datasheet
256Kb / 2P
   SINGLE BANK LED RAIL
ACR-0834-2324 ACIPOWER-ACR-0834-2324 Datasheet
290Kb / 2P
   QUAD BANK LED RAIL
ACR-0534-2413 ACIPOWER-ACR-0534-2413 Datasheet
285Kb / 2P
   QUAD BANK LED RAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com