Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC133 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74HC133
Description  13-input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC133 Datasheet(HTML) 1 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74HC133
13-input NAND Gate
Description
This device contains a single 13-input NAND gate. They perform the boolean functions in positive logic.
Y =
A•B•C•D•E•F•G•H•I•J•K•L•M or
Y =
A + B + C + D + E + F + G + H + I + J + K + L + M
Features
• High Speed Operation: t
pd = 12.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54LS13313-INPUT NAND GATE 1 2 3 4 Motorola, Inc
74HC13313-input NAND gate 1 2 3 4 5 NXP Semiconductors
DM74ALS13313-Input NAND Gate 1 2 3 4 Fairchild Semiconductor
DM74S13313-Input NAND Gate 1 2 3 4 Fairchild Semiconductor
MM74HC13313-Input NAND Gate 1 2 3 4 National Semiconductor (TI)
54LS13313-INPUT NAND GATE 1 2 National Semiconductor (TI)
GD74HCT13313-INPUT NAND GATE 1 2 3 4 List of Unclassifed Manufacturers
54ACTQ10Quiet Series Triple 3-Input NAND Gate 1 2 3 4 5 National Semiconductor (TI)
MM54C00Quad 2-Input NAND Gate Quad 2-Input NOR Gate Hex Inverter Triple 3-Input NAND Gate Dual 4-Input NAND Gate 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn