Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC133 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HD74HC133
Description  13-input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC133 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC133 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC133 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC133 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC133 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC133 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC133 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC133 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC133 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC133 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
DP-16
Conforms
Conforms
1.07 g
Unit: mm
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
1.11 Max


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54LS133 13-INPUT NAND GATE 1  2  3  4  Motorola, Inc
74HC133 13-input NAND gate 1  2  3  4  5  NXP Semiconductors
DM74ALS133 13-Input NAND Gate 1  2  3  4  Fairchild Semiconductor
DM74S133 13-Input NAND Gate 1  2  3  4  Fairchild Semiconductor
MM74HC133 13-Input NAND Gate 1  2  3  4  National Semiconductor (TI)
54LS133 13-INPUT NAND GATE 1  2  National Semiconductor (TI)
GD74HCT133 13-INPUT NAND GATE 1  2  3  4  List of Unclassifed Manufacturers
54ACTQ10 Quiet Series Triple 3-Input NAND Gate 1  2  3  4  5  National Semiconductor (TI)
MM54C00 Quad 2-Input NAND Gate Quad 2-Input NOR Gate Hex Inverter Triple 3-Input NAND Gate Dual 4-Input NAND Gate 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn