Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC125 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HD74HC125
Description  Quad. Bus Buffer Gates (with 3-state outputs)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC125 Datasheet(HTML) 2 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HD74HC125/HD74HC126
2
Pin Arrangement
HD74HC125
1
(Top view)
2
3
4
5
6
7
1C
1A
1Y
2C
2A
2Y
GND
VCC
4C
4A
4Y
3C
3A
3Y
14
13
12
11
10
9
8
HD74HC126
1
(Top view)
2
3
4
5
6
7
1C
1A
1Y
2C
2A
2Y
GND
VCC
4C
4A
4Y
3C
3A
3Y
14
13
12
11
10
9
8


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn