Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OAR-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OAR-5
Description  Open Air Resistor Metal Element Current Sense
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OAR-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OAR-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers OAR-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers OAR-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers OAR-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Open Air Resistor
Metal Element Current Sense
OAR & OAR-TP Series
Powerratingsof1,3,&5W@85°C
Superiorsurgeperformance
HotspotisolatedfromPCBmaterial
ResistancewireTCR±20ppm/°C
Tolerancesto1%
Pb-freeversionisRoHScompliant
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TCR’s to ±20ppm/°C
Power ratings of 1, 3, & 5W @ 85°C
Resistance range from 2.5mΩ to 100mΩ
Open air design maximizes thermal performance
Welded copper leads minimize effects from solder wicking and provide
true 1% performance
Electrical Data
Part
Number
Power Rating
@ 85°C
(watts)
Resistance
Range (mΩ)
Tolerance
(±%)
Wire TCR
(±ppm/°C)
Inductance
(nH)
OAR-1 (TP)
1.0
3, 5, 10, *20, *25, 50
1, 2¹, 5
20
<10
OAR-3 (TP)
3.0
2.5, 5, 10, 15, 20, 25, *30, 50, 100
OAR-5 (TP)
5.0
3, 5, 10, *15, *20, *25, *50
Notes:
¹ ±2% tolerance available <5mΩ
* denotes resistance values that may have longer lead times than other values listed
* Please contact factory for resistance values not listed
Load Life (1000 hours @ 25°C)
∆R/R <1%
Moisture (no load for 1000 hours)
∆R/R <1%
Temperature Cycling (-40°C to +125°C for 1000 cycles)
∆R/R <1%
C
°
5
2
1
+
o
t
C
°
0
4
-
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
Environmental Data
OAR
Open Air Resistor
Metal Element Current Sense
OAR Series Issue June 2011 Sheet 1 of 3
Resistors
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - OAR-5

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OAR-5 WELWYN-OAR-5 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
TT Electronics.
OAR-5 TTELEC-OAR-5 Datasheet
613Kb / 4P
   Hot spot isolated from PCB material
logo
Welwyn Components Limit...
OAR-5R10F WELWYN-OAR-5R10F Datasheet
95Kb / 2P
   Open Air Sense Resistors
OAR-5R10G WELWYN-OAR-5R10G Datasheet
95Kb / 2P
   Open Air Sense Resistors
OAR-5R10J WELWYN-OAR-5R10J Datasheet
95Kb / 2P
   Open Air Sense Resistors
More results

Similar Description - OAR-5

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
   Open Air Resistor Metal Element Current Sense OAR
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
TT Electronics.
CSLS TTELEC-CSLS Datasheet
395Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
CSL TTELEC-CSL Datasheet
433Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
IRC - a TT electronics ...
CSLR001FU IRCTT-CSLR001FU Datasheet
172Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
Ohmite Mfg. Co.
600HR050E OHMITE-600HR050E Datasheet
119Kb / 1P
   Two Terminal Metal Element Current Sense
60SERIES OHMITE-60SERIES Datasheet
273Kb / 1P
   Two Terminal Metal Element Current Sense
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com