Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC123A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD74HC123A
Description  Dual Retriggerable Monostable Multivibrators (with Clear)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC123A Datasheet(HTML) 3 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74HC123A
3
DC Characteristics
Sym-
V
CC
Ta = 25
°C
Ta = –40
to +85
°C
Item
bol
(V)
Min Typ Max Min Max Unit Test Conditions
Input voltage
V
IH
2.0
1.5
1.5
V
4.5
3.15 —
3.15 —
6.0
4.2
4.2
V
IL
2.0
0.5
0.5
V
4.5
1.35 —
1.35
6.0
1.8
1.8
Output voltage
V
OH
2.0
1.9
2.0
1.9
V
Vin = V
IH or VIL IOH = –20 µA
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
4.5
4.18 —
4.13 —
I
OH = –4 mA
6.0
5.68 —
5.63 —
I
OH = –5.2 mA
V
OL
2.0
0.0
0.1
0.1
V
Vin = V
IH or VIL IOL = 20 µA
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
4.5
0.26 —
0.33
I
OL = 4 mA
6.0
0.26 —
0.33
I
OL = 5.2 mA
Input current
Iin
6.0
±0.1 —
±1.0 µA
Vin = V
CC or GND
Quiescent
Standby state
I
CC
6.0
130
220
µA
Vin = V
CC or
Iout = 0
µA
supply current
Active state
130
220
GND
Rext/Cext = 0.5 V
CC


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn