Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4809NA-1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD4809NA-1G
Description  25 V, 58 A, Single N- Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4809NA-1G Datasheet(HTML) 6 Page - ON Semiconductor

  NTD4809NA-1G Datasheet HTML 1Page - ON Semiconductor NTD4809NA-1G Datasheet HTML 2Page - ON Semiconductor NTD4809NA-1G Datasheet HTML 3Page - ON Semiconductor NTD4809NA-1G Datasheet HTML 4Page - ON Semiconductor NTD4809NA-1G Datasheet HTML 5Page - ON Semiconductor NTD4809NA-1G Datasheet HTML 6Page - ON Semiconductor NTD4809NA-1G Datasheet HTML 7Page - ON Semiconductor NTD4809NA-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTD4809NA
http://onsemi.com
6
TYPICAL PERFORMANCE CURVES
Figure 13. Avalanche Characteristics
1000
1
100
PULSE WIDTH (
ms)
0.1
10
10
125
°C
1
100
100
°C
25
°C
Figure 14. Thermal Response
t, TIME (
ms)
0.1
1.0
0.01
0.1
0.2
0.02
D = 0.5
0.05
0.01
SINGLE PULSE
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
1.0E+00
1.0E+01
1.0E-01
1.0E-02
1.0E-03
1.0E-04
1.0E-05
ORDERING INFORMATION
Order Number
Package
Shipping
NTD4809NAG
DPAK
(Pb-Free)
75 Units/Rail
NTD4809NAT4G
DPAK
(Pb-Free)
2500 Tape & Reel
NTD4809NA-1G
IPAK
(Pb-Free)
75 Units/Rail
NTD4809NA-35G
IPAK Trimmed Lead
(3.5
" 0.15 mm)
(Pb-Free)
75 Units/Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTD4809NA-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4809NA ONSEMI-NTD4809NA Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4809NAT4G ONSEMI-NTD4809NAT4G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
More results

Similar Description - NTD4809NA-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4809NAT4G ONSEMI-NTD4809NAT4G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4860N ONSEMI-NTD4860N Datasheet
99Kb / 8P
   25 V, 65 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4809N ONSEMI-NTD4809N Datasheet
276Kb / 8P
   Power MOSFET 30 V, 58 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 11
NTD4809NH ONSEMI-NTD4809NH_07 Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
March, 2007 Rev. 3
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD4959N ONSEMI-NTD4959N Datasheet
151Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
June, 2010 ??Rev. 1
NTD4959NH ONSEMI-NTD4959NH Datasheet
152Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
May, 2009 ??Rev. 0
NTD4809NH ONSEMI-NTD4809NH Datasheet
81Kb / 8P
   Power MOSFET 30 V, 58 A, Single N?묬hannel, DPAK/IPAK
November, 2006 ??Rev. 1
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com