Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC114 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HD74HC114
Description  Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC114 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74HC114 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC114 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74HC114
2
Function Table
Inputs
Output
Preset
Clear
Clock
J
K
Q
Q
L
H
X
XXH
L
H
L
X
XXL
H
L
L
X
XXH*
1
H*
1
HH
L
L
No change
HH
LH
L
H
HH
HL
H
L
HH
H
H
Toggle
H
H
L
X
X
No change
H
H
H
X
X
No change
HH
X
X
No change
Note:
1. Q and
Q will remain HIGH as long as Preset and Clear are Low, but Q and Q are unpredictable,
if Preset and Clear go HIGH simultaneously.
Pin Arrangement
1
(Top view)
2
3
4
5
6
7
CLK
1K
1J
1PR
1Q
1
Q
GND
VCC
CK
2K
2J
2PR
2Q
2
Q
14
13
12
11
10
9
8
PR
PR
KJ
CK
Q
Q
PR
PR
KJ
CK
Q
Q


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn