Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC112 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HD74HC112
Description  Dual J-K Flip-Flops (with Preset and Clear)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC112 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD74HC112 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC112 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HD74HC112
2
Pin Arrangement
1
J
K
Q
Q
CK
CLR
PR
(Top view)
1CK
2
1K
3
1J
4
1PR
5
1Q
6
1
Q
7
2
Q
8
GND
Vcc
16
1CLR
15
2CLR
14
2CK
13
2K
12
2J
11
2PR
10
2Q
9
K
J
Q
Q
CK
PR
CLR
Logic Diagram (1/2)
CK
Q
Q
CK
CK
CLR
PR
J
K
CK
CK
CK
CK
CK
CK
CK
CK


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn