Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC112 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74HC112
Description  Dual J-K Flip-Flops (with Preset and Clear)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD74HC112 Datasheet(HTML) 1 Page - Hitachi Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74HC112
Dual J-K Flip-Flops (with Preset and Clear)
Description
Each flip-flop has independent J, K, preset, clear and clock inputs and Q and
Q outputs. This device is
edge sensitive to the clock input and change state on the negative going transition of the clock pulse. Clear
and preset are independent of the clock and accomplished by a low logic level on the corresponding input.
Features
• High Speed Operation: t
pd (Clock to Q) = 17 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 2 µA max (Ta = 25°C)
Function Table
Inputs
Output
Preset
Clear
Clock
J
K
Q
Q
L
H
X
XXH
L
H
L
X
XXL
H
L
L
X
XXH*
1
H*
1
HH
L
L
No Change
HH
LH
L
H
HH
HL
H
L
HH
H
H
Toggle
H
H
L
X
X
No Change
H
H
H
X
X
No Change
HH
X
X
No Change
Note:
1. Q and
Q will remain HIGH as long as Preset and Clear are Low, but Q and Q are unpredictable,
if Preset and Clear go HIGH simultaneously.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn