Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74HC109 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74HC109
Description  Dual J-K Flip-Flops (with Preset and Clear)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC109 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74HC109 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC109 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74HC109
Dual J-
K Flip-Flops (with Preset and Clear)
Description
Each flip-flop has independent J,
K, preset, clear and clock inputs and Q and Q outputs. This device is
edge sensitive to the clock input and changes state on the positive going transition of the clock pulse. Clear
and preset are independent of the clock and accomplished by a low logic level on the corresponding input.
Features
• High Speed Operation: t
pd (Clock to Q) = 15 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 2 µA max (Ta = 25°C)
Function Table
Inputs
Output
Preset
Clear
Clock
J
K
Q
Q
L
H
X
XXH
L
H
L
X
XXL
H
L
L
X
XXH*
1
H*
1
HH
LLL
H
HH
H
L
Toggle
HH
LH
Q
0
Q
0
HH
HHH
L
H
H
L
XXQ
0
Q
0
Note:
1. Q and
Q will remain high as long as preset and clear input are low, but Q and Q are
unpredictable if preset and clear input go high simultaneously.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn